Part Number Hot Search : 
HSDL1001 22100 1SS35 200BG 64GA108 2SA107 KIA78R09 HER105P
Product Description
Full Text Search
 

To Download 1N5363B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Approve Sheet Part Number: 1N5348B~1N5388B
DATA SHEET
1N5348B~1N5388B
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE VOLTAGE- 11 to 200 Volts Power - 5.0 Watts
FEATURES
* Built-in strain relief * Glass passivated junction * Low inductance * Typical IR less than 5.0A above 11V * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * High temperature soldering : 260C /10 seconds at terminals
.375(9.5) .285(7.2) 1.0(25.4) MIN.
DO-201AE
Unit: inch ( mm )
* Low profile package
.042(1.07) .037(.94)
MECHANICAL DATA
Case: JEDEC DO-201AE, Molded plastic over passivated junction Terminals: solder platble,solderable per MIL-STD-750,Method 2026 Weight: 0.04 ounce, 1.1 gram
1.0(25.4) MIN.
.210(5.3) .188(4.8)
Standard Packing: 52mm tape
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS
DC Power Dissipation on TL=75C ,Measure at Zero Lead Length Derate above 75C ( NOTE 1) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Operating and Storage Temperature Range
VALUE 5.0
UNITS Watts mW / C Amps C
PD IFSM TJ, TSTG
40.0 See Fig. 5 -55 to +150
NOTES: 1.Mounted on 8.0mm2 copper pads to each terminal. 2.8.3ms single half sine-wave ,or equivalent square wave ,duty cycle=4 pulses per minute maximum.
PAGE . 1
Approve Sheet Part Number: 1N5348B~1N5388B
Part N umber
V Z @ I ZT V
I ZT mA
M a xi m u m Z e n e r I m p e d a n c e ZZT @ I ZT Ohm s ZZK @ I ZK Ohm s I ZK mA
Leakage Current IR uA Max VR V
Maximum Zener Current IZM mA
Surge Current @ Ta=25O C i r-m A
Max Voltage Regulation Vz V
PACKAGE
5.0 Watt ZEN ER
1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 1N5370B 1N5371B 1N5372B 1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 1N5379B 1N5380B 1N5381B 1N5382B 1N5383B 1N5384B 1N5385B 1N5386B 1N5387B 1N5388B 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19.0 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56.0 62.2 66.0 69.2 76.0 83.6 91.2 98.8 106.0 114 122 129 137 144 152 430 395 365 340 31 295 280 265 250 237 216 198 190 176 170 158 144 132 122 110 100 93 86 79 76 70 63 58 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6 8.0 7.5 7.0 6.7 6.3 6.0 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.3 3.1 2.8 2.7 2.5 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9 0.25 0.25 0.25 0.25 0.25 0.3 0.35 0.4 0.4 0.4 0.45 0.55 0.55 0.6 0.6 0.6 0.6 0.65 0.65 0.7 0.8 0.9 1.0 1.2 1.35 1.5 1.6 1.8 2.0 2.2 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.0 4.0 5.0 5.0 D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE D O-201AE
PAGE . 2
Approve Sheet Part Number: 1N5348B~1N5388B
PAGE . 3
Approve Sheet Part Number: 1N5348B~1N5388B
PAGE . 4


▲Up To Search▲   

 
Price & Availability of 1N5363B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X